Part Number Hot Search : 
TAIPRS N4616 2SD868 SS0503EC TC125005 2SA1765 41002A3 OM5216DT
Product Description
Full Text Search
 

To Download HC5521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
HC5521
SLIC Subscriber Line Interface Circuit
Description
The HC5521 is a Monolithic Subscriber Line Interface Circuit (SLIC) for Analog Subscriber Line cards in Central Office and PABX switches. The HC5521 provides a comprehensive set of features for these applications including loop reversal, ground key detection, zero crossing ring relay operation, long loop drive and a mutually independent setting of the receive and transmit gains, and the two-wire impedance synthesis. An option is also provided for eliminating transhybrid balance on-chip. Advanced power management features combined with a small 44 lead MQFP package allow significant board space to be freed up for additional line circuits. The HC5521 is fabricated in a Harris state of the art Bonded Wafer High Voltage process, providing freedom from traditional JI latch-up phenomena without the use of additional power supply filtering components or substrate tie connections. The very low parasitics and leakages associated with this process provide an exceptionally flat performance over frequency and temperature.
ADVANCE INFORMATION
January 1997
Features
* Normal and Reversed DC Feed * 30mA Current Limit * Ringing, Test-In, and Test-Out Relay Drivers * Ground Key Detector with Seperate Logic Output * Thermal Shutdown Protection with Alert Signal * On-Hook Transmission * Selectable Transmit and Receive Gain Setting * Selectable 2-Wire Impedance Matching * Zero Crossing Ring Trip Detection and Ring Relay Release * Parallel Digital Control and Status Monitoring * Protection Resistors inside Feedback Loop allows the use of PTC Devices without Impact on Longitudinal Balance
Applications
* PABX/CO Line Circuits
Ordering Information
PART NUMBER HC5521CQ HC5521CM TEMP. RANGE (oC) 0 to 70 0 to 70 PACKAGE 44 Ld MQFP 44 Ld PLCC PKG. NO. Q44.10x10 N44.65
Block Diagram
RX TA TB GKDO SHDO D2PRI D3PDI D4RCI D5TBI D6TAI AGND BGND RGND VBAT VCC VEE BIAS BATTERY REFERENCE RING CONTROL RD RBH RBL CRTD RPSB POWER MANAGEMENT RPSR RPST RPSG LOGIC 2-WIRE INTERFACE TIP TIPSEN RINGSEN RING TEST CONTROL 4-WIRE INTERFACE / Z0 TX TX4W RN KZO
CP
RDC
CDC
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright
(c) Harris Corporation 1997
File Number
4265
4-35


▲Up To Search▲   

 
Price & Availability of HC5521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X